Part Number Hot Search : 
VA2708 R1660CT A50B40 MGCT04KG TDA8425 SL0504 70400 AH844
Product Description
Full Text Search
 

To Download PFL1610-102ME Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? coilcraft, inc. 2009 specifications subject to change without notice. please check our website for latest information. shielded power inductors C pfl1610 document 753 -1 document 753-1 revised 12/14/09 ? low cost, low profile 0603 size power inductor ? only 1 mm high, and requires less than 2 mm 2 of board space ? provides the current handling of much larger inductors; up to 2350 ma. inductance 2 dcr (mohms) 3 srf typ 4 i sat (ma) 5 i rms (ma) 6 part number 1 20% (h) typ max (mhz) 10% drop 20% drop 30% drop 20c rise 40c rise pfl1610-331me_ 0.33 85 98 644 1140 1860 2350 1100 1500 pfl1610-471me_ 0.47 183 205 540 1000 1700 1820 770 1000 pfl1610-681me_ 0.68 203 223 423 800 1500 1630 720 970 PFL1610-102ME_ 1.0 331 365 351 650 1000 1260 570 750 designer?s kit c433 contains 20 each of all values terminations rohs compliant matte tin over nickel over silver- platinum-glass frit. other terminations available at additional cost. weight 5.4 ? 5.7 mg ambient temperature ?40c to +85c with i rms current, +85c to +125c with derated current storage temperature component: ?40c to +125c. packaging: ?40c to +80c resistance to soldering heat max three 40 second reflows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited floor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 2000 per 7 reel paper tape: 8 mm wide, 1.68 mm thick, 2 mm pocket spacing pcb washing only pure water or alcohol recommended 1. when ordering, please specify packaging codes: PFL1610-102ME w packaging: w =7 machine-ready reel. eia-481 punched paper tape (2000 parts per full reel). u = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter w instead. 2. inductance tested at 7.9 mhz, 0.1 vrms using a coilcraft smd-f test fixture with an agilent/hp 4286 impedance analyzer and coilcraft- provided correlation pieces. 3. dcr measured using a micro-ohmmeter. 4. srf measured using an agilent/hp 8753d network analyzer and a coilcraft smd-d test fixture. 5. dc current at which the inductance drops the specified amount from its value without current. 6. current that causes the specified temperature rise from 25c ambient. 7. electrical specifications at 25c. refer to doc 362 ?soldering surface mount components? before soldering. terminal wraparound: approx 0.007/0,18 both ends recommended land pattern 0.071 1,80 0.015 0,38 0.0394 1,00 max max 0.042 1,07 0.040 1,02 0.025 0,64 max 0.012 0,305 0.012 0,305 0.035 0,89 0.030 0,76 0.050 1,27 dimensions are in inches mm
? coilcraft, inc. 2009 specifications subject to change without notice. please check our website for latest information. pfl1610 series document 753-2 revised 12/14/09 document 753-2 l vs frequency 1 10 100 1000 inductance (h) frequency (mhz) 0.1 0.2 2 0.3 3 0.4 4 0.5 5 0.7 7 1 10 0.33 h 0.47 h 0.68 h 1.0 h l vs current 0.01 0.1 10 1 current (a) inductance (h) 0.1 0.2 2 0.3 3 0.4 4 0.5 5 0.7 7 1 10 0.33 h 0.47 h 0.68 h 1.0 h irms derating -40 -20 0 20 40 60 80 100 140 120 ambient temperature (c) 120 110 100 90 80 70 60 50 40 30 20 10 0 25c percent of rated rms i


▲Up To Search▲   

 
Price & Availability of PFL1610-102ME

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X